PART |
Description |
Maker |
MAX535 MAX5351ACPA MAX5351ACUA MAX5351AEPA MAX5351 |
Low-Power 13-Bit Voltage-Output DACs with Serial Interface Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:23-35 RoHS Compliant: No Low-Power / 13-Bit Voltage-Output DACs with Serial Interface Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDSO8 Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MS6333 MS6333GU MS6333GTR MS6333Q MS6333QTR MS6333 |
16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage Low Power Consumption 8.9mW Mute And Power Down Function
|
MOSA ELECTRONICS
|
AD7718 AD7718BR AD7718BRU AD7708BR AD7708BRU EVAL- |
24-Bit, 8/10-Channel, Low Voltage, Low Power, Sigma Delta ADC; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial 10-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 16-Bit 8/10-Channel, Low Voltage, Low Power, Sigma Delta ADC; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial 10-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 8-/10-Channel, Low Voltage, Low Power, ADCs 10-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 8-/10-Channel, Low Voltage, Low Power, ADCs 10-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 8-/10-Channel, Low Voltage, Low Power, ADCs 8-/10-Channel,低电压,低功耗,ADC 8-/10-Channel, Low Voltage, Low Power, ADCs 8-/10-Channel/ Low Voltage/ Low Power/ ADCs
|
Analog Devices, Inc.
|
BS62LV8001 BS62LV8001EI BS62LV8001EIP55 BS62LV8001 |
Very Low Power/Voltage CMOS SRAM 1M X 8 bit Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 70 ns, PBGA48 Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 55 ns, PBGA48 Aluminum Electrolytic Capacitor; Capacitor Type:High Temperature; Voltage Rating:25VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:47uF RoHS Compliant: Yes From old datasheet system Asynchronous 8M(1Mx8) bits Static RAM
|
Brilliance Semiconducto... BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
K6T4016U3C K6T4016U3C-B K6T4016U3C-F K6T4016U3C-RB |
256Kx16 bit Low Power and Low Voltage CMOS Static RAM Surface Mount Resistors Thick Film Chip Resistors 256Kx16 bit Low Power and Low Voltage CMOS Static RAM 256Kx16位低功耗和低电压的CMOS静态RAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
AD7708 AD7708BR AD7708BRU EVAL-AD7708EB AD7718BR A |
24-Bit, 8/10-Channel, Low Voltage, Low Power, Sigma Delta ADC 16-Bit 8/10-Channel, Low Voltage, Low Power, Sigma Delta ADC 8-/10-Channel, Low Voltage, Low Power, ADCs
|
AD[Analog Devices]
|
MAX5812 MAX5812LEUT MAX5812MEUT MAX5812NEUT MAX581 |
From old datasheet system Digital to Analog Converter - Datasheet Reference "12-Bit Low-Power, 2-Wire, Serial Voltage- Output DAC" 12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC 12-bit, low-power, 2-wire interface, serial, voltage-output DAC
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products]
|
TC7MPS3125FTG |
Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
K6T1008V2C K6T1008V2C-B K6T1008V2C-D K6T1008V2C-F |
128K x8 bit Low Power and Low Voltage CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
FMP1617CA1 FMP1617CA2 FMP1617CA4 FMP1617CA5 FMP161 |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
TC7MP3125FTG TC7MP3125FK |
Low Voltage/Low Power 2-Bit × 2 Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|